Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS1D15N03CG Datasheet (PDF) - ON Semiconductor

Part # NTMFS1D15N03CG
Description  MOSFET - Power, Single N-Channel, SO8-FL 30 V, 1.15 m, 245 A
File Size   185.24 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS1D15N03CG Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS1D15N03CG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS1D1N04XM ONSEMI-NTMFS1D1N04XM Datasheet
131Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.05 m, 233 A
June, 2023 - Rev. 0
NTMFS1D1N04XMT1G ONSEMI-NTMFS1D1N04XMT1G Datasheet
131Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.05 m, 233 A
June, 2023 - Rev. 0
More results


Similar Description - NTMFS1D15N03CG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS0D8N02P1E ONSEMI-NTMFS0D8N02P1E Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 25 V, 0.68 m, 365 A
March, 2020 ??Rev. 0
NTMFS0D55N03CG ONSEMI-NTMFS0D55N03CG Datasheet
139Kb / 6P
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.58 m, 462 A
June, 2020 ??Rev. 1
NTMFS0D6N03C ONSEMI-NTMFS0D6N03C Datasheet
183Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL
April, 2021 ??Rev. 2
NTMFS002P03P8Z ONSEMI-NTMFS002P03P8Z Datasheet
179Kb / 7P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.4 m, -263 A
January, 2021 ??Rev. 1
NTMFS003P03P8Z ONSEMI-NTMFS003P03P8Z Datasheet
203Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
August, 2020 ??Rev. 0
NTMFS0D7N03CG ONSEMI-NTMFS0D7N03CG Datasheet
218Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.65 m, 409 A
June, 2021 ??Rev. 6
NTMFS0D9N03CG ONSEMI-NTMFS0D9N03CG Datasheet
166Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.9 m, 298 A
November, 2021 ??Rev. 5
NTMFS005P03P8Z ONSEMI-NTMFS005P03P8Z Datasheet
202Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL-30 V, 2.7 m, -164 A
August, 2020-Rev. 0
NTMJS1D15N03CG ONSEMI-NTMJS1D15N03CG Datasheet
323Kb / 7P
MOSFET - Power, Single N-Channel, LFPAK8 30 V, 1.15 m, 257 A
February, 2021-Rev. 0
NVMFS003P03P8Z ONSEMI-NVMFS003P03P8Z Datasheet
172Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com