Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS6H848N Datasheet (PDF) - ON Semiconductor

Part # NTMFS6H848N
Description  MOSFET - Power, Single N-Channel 80 V, 9.4 m, 64 A
File Size   185.97 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS6H848N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS6H848N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H848NL ONSEMI-NTMFS6H848NL Datasheet
186Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
December, 2019-Rev. 0
NTMFS6H848NLT1G ONSEMI-NTMFS6H848NLT1G Datasheet
186Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
December, 2019-Rev. 0
More results


Similar Description - NTMFS6H848N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86244 FAIRCHILD-FDMC86244 Datasheet
324Kb / 7P
N-Channel Power Trench짰 MOSFET 150 V, 9.4 A, 134 m廓
logo
ON Semiconductor
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTMFSC011N08M7 ONSEMI-NTMFSC011N08M7 Datasheet
304Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2
NTMTS1D2N08H ONSEMI-NTMTS1D2N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1
NTMTS1D5N08H ONSEMI-NTMTS1D5N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1
NTTFS6H850NL ONSEMI-NTTFS6H850NL Datasheet
192Kb / 7P
Power MOSFET 80 V, 8.6 m, 64 A, Single N?묬hannel
February, 2019 ??Rev. 0
NVTFS6H854NL ONSEMI-NVTFS6H854NL Datasheet
279Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 13.4 m, 41 A
November, 2020-Rev. 1
NVMFS6H848N ONSEMI-NVMFS6H848N Datasheet
188Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 9.4 m, 64 A
June, 2020 ??Rev. 2
NVTFS6H850NL ONSEMI-NVTFS6H850NL Datasheet
195Kb / 7P
Power MOSFET 80 V, 8.6 m, 64 A, Single N-Channel
February, 2019 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com