Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC12065-Y Datasheet (PDF) - STMicroelectronics

Part # STPSC12065-Y
Description  Automotive 650 V, 12 A, silicon carbide power Schottky diode
File Size   478.6 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12065-Y Datasheet (PDF) - STMicroelectronics



Similar Part No. - STPSC12065-Y_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
Dedicated to PFC applications
10-May-2016
More results


Similar Description - STPSC12065-Y_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC10C065-Y STMICROELECTRONICS-STPSC10C065-Y Datasheet
223Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
24-Sep-2018
STPSC10H065BY-TR STMICROELECTRONICS-STPSC10H065BY-TR Datasheet
236Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
STPSC6C065-Y STMICROELECTRONICS-STPSC6C065-Y Datasheet
182Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
December 2016 Rev 2
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
logo
ON Semiconductor
FFSB1265A ONSEMI-FFSB1265A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 12 A
November, 2021 - Rev. 4
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com