Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFSC012N15MC Datasheet (PDF) - ON Semiconductor

Part # NTMFSC012N15MC
Description  MOSFET - Power, Dualcool N-Channel, PQFN8 150 V, 11.4 m, 80 A
File Size   280.0 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFSC012N15MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFSC012N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFSC010N08M7 ONSEMI-NTMFSC010N08M7 Datasheet
322Kb / 7P
MOSFET - Power, Single N-Channel
January, 2021 ??Rev. P0
NTMFSC011N08M7 ONSEMI-NTMFSC011N08M7 Datasheet
304Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2
More results


Similar Description - NTMFSC012N15MC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16407Q5C TI-CSD16407Q5C Datasheet
191Kb / 10P
DualCool??N-Channel NexFET??Power MOSFET
logo
Fairchild Semiconductor
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
logo
ON Semiconductor
NTMFS006N08MC ONSEMI-NTMFS006N08MC Datasheet
205Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A
April, 2020 ??Rev. 1
NTMFS011N15MC ONSEMI-NTMFS011N15MC Datasheet
257Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 5x6 150 V, 11.5 m, 78 A
March, 2020 ??Rev. 1
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS010N10G ONSEMI-NTMFS010N10G Datasheet
267Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 10.8 m, 83 A
August, 2021-Rev. P0
NTMFS7D8N10G ONSEMI-NTMFS7D8N10G Datasheet
266Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 7.6 m, 110 A
March, 2021-Rev. 0
NTMFSC006N12MC ONSEMI-NTMFSC006N12MC Datasheet
287Kb / 6P
MOSFET - Power, Dualcool N-Channel, PQFN8 120 V, 6.1 m, 92 A
December, 2021-Rev. 1
NVCR4LS2D8N08M7A ONSEMI-NVCR4LS2D8N08M7A Datasheet
149Kb / 6P
MOSFET ??Power, N-Channel 80 V, 2.8 m
February, 2022 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com