Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS7205H Datasheet (PDF) - NXP Semiconductors

Part # BTS7205H
Description  2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
File Size   348.96 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTS7205H Datasheet (PDF) - NXP Semiconductors



Similar Part No. - BTS7205H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTS7205U NXP-BTS7205U Datasheet
334Kb / 20P
3.3 GHz - 4.2 GHz RX Analog Front-End IC with bypass
Rev. 6-26 October 2021
BTS7205UHP NXP-BTS7205UHP Datasheet
334Kb / 20P
3.3 GHz - 4.2 GHz RX Analog Front-End IC with bypass
Rev. 6-26 October 2021
More results


Similar Description - BTS7205H

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Toshiba Semiconductor
TA4500F TOSHIBA-TA4500F Datasheet
335Kb / 12P
1.9 GHz Band RX Front-End IC
logo
ATMEL Corporation
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
ISM 2.4 GHz Front End IC
logo
Analog Devices
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
logo
NXP Semiconductors
WLAN7001C NXP-WLAN7001C Datasheet
226Kb / 22P
WLAN 5 GHz Front-end IC
Rev. 3-7 September 2020
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
BTS7205U NXP-BTS7205U Datasheet
334Kb / 20P
3.3 GHz - 4.2 GHz RX Analog Front-End IC with bypass
Rev. 6-26 October 2021
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com