Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMTS1D5N08MC Datasheet (PDF) - ON Semiconductor

Part # NTMTS1D5N08MC
Description  MOSFET - Power, Single N-Channel, DFNW8 80 V, 1.56 m, 287 A
File Size   412.23 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMTS1D5N08MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMTS1D5N08MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMTS1D5N08H ONSEMI-NTMTS1D5N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1
More results


Similar Description - NTMTS1D5N08MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTMTS002N08MC ONSEMI-NTMTS002N08MC Datasheet
412Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 80 V, 2 m, 229 A
June, 2020-Rev. 1
NTMTS0D7N06C ONSEMI-NTMTS0D7N06C Datasheet
402Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 60 V, 0.72 m, 464 A
December, 2020-Rev.3
NTMTS4D3N15MC ONSEMI-NTMTS4D3N15MC Datasheet
298Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 4.45 m, 174 A
November, 2020-Rev. 0
NTMTS6D0N15MC ONSEMI-NTMTS6D0N15MC Datasheet
334Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 6.4 m, 135 A
January, 2021-Rev. 1
NTMTSC1D5N08MC ONSEMI-NTMTSC1D5N08MC Datasheet
418Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8, DUAL COOL 80 V, 1.56 m, 287 A
December, 2021-Rev. 1
NTMTSC4D2N10G ONSEMI-NTMTSC4D2N10G Datasheet
369Kb / 8P
MOSFET - Power, Single N-Channel, DFNW8 100 V, 4.2 m, 178 A
May, 2021 ??Rev. 0
NVMTS4D3N15MC ONSEMI-NVMTS4D3N15MC Datasheet
300Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 4.45 m, 165 A
December, 2020 ??Rev. 0
NVMTS6D0N15MC ONSEMI-NVMTS6D0N15MC Datasheet
297Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 6.4 m, 128 A
January, 2021 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com