Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMTSC4D3N15MC Datasheet (PDF) - ON Semiconductor

Part # NTMTSC4D3N15MC
Description  MOSFET - Power, Single N-Channel, TDFNW8 DUAL COOL 150 V, 4.45 m, 174 A
File Size   406.01 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMTSC4D3N15MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMTSC4D3N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMTSC4D2N10G ONSEMI-NTMTSC4D2N10G Datasheet
369Kb / 8P
MOSFET - Power, Single N-Channel, DFNW8 100 V, 4.2 m, 178 A
May, 2021 ??Rev. 0
More results


Similar Description - NTMTSC4D3N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFSC4D2N10MC ONSEMI-NTMFSC4D2N10MC Datasheet
293Kb / 7P
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 5x6.15 100 V, 4.3 m, 116 A
July, 2020 ??Rev. 2
NTBGS4D1N15MC ONSEMI-NTBGS4D1N15MC Datasheet
356Kb / 8P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTMFSC0D9N04CL ONSEMI-NTMFSC0D9N04CL Datasheet
387Kb / 7P
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 5x6 40 V, 0.85 m, 313 A
May, 2021-Rev. 6
NTMFSC004N08MC ONSEMI-NTMFSC004N08MC Datasheet
407Kb / 7P
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 80 V, 4.0 m, 136 A
June, 2021-Rev. 3
NTMFSC1D0N04HL ONSEMI-NTMFSC1D0N04HL Datasheet
376Kb / 7P
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 5x6.15 40 V, 1.0 m, 288 A
July, 2021-Rev. 0
NTMFSC2D9N08H ONSEMI-NTMFSC2D9N08H Datasheet
374Kb / 7P
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 5x6.15 80 V, 2.9 m, 154 A
June, 2021-Rev. 1
NTMTS4D3N15MC ONSEMI-NTMTS4D3N15MC Datasheet
298Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 4.45 m, 174 A
November, 2020-Rev. 0
NTMTSC1D5N08MC ONSEMI-NTMTSC1D5N08MC Datasheet
418Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8, DUAL COOL 80 V, 1.56 m, 287 A
December, 2021-Rev. 1
NVMTS4D3N15MC ONSEMI-NVMTS4D3N15MC Datasheet
300Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 4.45 m, 165 A
December, 2020 ??Rev. 0
NVMTSC4D3N15MC ONSEMI-NVMTSC4D3N15MC Datasheet
337Kb / 8P
MOSFET ??Power, Single N-Channel, TDFNW8 DUAL COOL 150 V, 4.45 m, 165 A
December, 2020 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com