Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ1060L36TB Datasheet (PDF) - ON Semiconductor

Part # NFAQ1060L36TB
Description  Intelligent Power Module (IPM) 600 V, 10 A
File Size   511.61 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36TB Datasheet (PDF) - ON Semiconductor



Similar Part No. - NFAQ1060L36TB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
511Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
2Mb / 28P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
2Mb / 26P
Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
More results


Similar Description - NFAQ1060L36TB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
511Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAP1060L3TT ONSEMI-NFAP1060L3TT Datasheet
591Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
March, 2020 ??Rev. 1
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
STK541UC62K-E ONSEMI-STK541UC62K-E Datasheet
435Kb / 15P
Intelligent Power Module (IPM) 600 V, 10 A
October 2016 - Rev. 1
STK544UC63K-E ONSEMI-STK544UC63K-E Datasheet
317Kb / 13P
Intelligent Power Module (IPM), 600 V, 10 A
May, 2019 - Rev. 0
STK544UC62K-E ONSEMI-STK544UC62K-E Datasheet
453Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3
STK551U362A-E ONSEMI-STK551U362A-E Datasheet
851Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 2
STK554U362A-E ONSEMI-STK554U362A-E Datasheet
323Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3
STK554U362C-E ONSEMI-STK554U362C-E Datasheet
337Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com