Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ1060L36TB Datasheet(PDF) 2 Page - ON Semiconductor

Part # NFAQ1060L36TB
Description  Intelligent Power Module (IPM) 600 V, 10 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36TB Datasheet(HTML) 2 Page - ON Semiconductor

  NFAQ1060L36TB Datasheet HTML 1Page - ON Semiconductor NFAQ1060L36TB Datasheet HTML 2Page - ON Semiconductor NFAQ1060L36TB Datasheet HTML 3Page - ON Semiconductor NFAQ1060L36TB Datasheet HTML 4Page - ON Semiconductor NFAQ1060L36TB Datasheet HTML 5Page - ON Semiconductor NFAQ1060L36TB Datasheet HTML 6Page - ON Semiconductor NFAQ1060L36TB Datasheet HTML 7Page - ON Semiconductor NFAQ1060L36TB Datasheet HTML 8Page - ON Semiconductor NFAQ1060L36TB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NFAQ1060L36TB
www.onsemi.com
2
Figure 2. Application Schematic
Controller
NFAQ1060L36TB
P:38
NU:17
NV:18
NW:19
VPN
VS(U),U:32
VS(V),V:26
VS(W),W:20
HIN(U):3
HIN(V):4
HIN(W):5
LIN(U):6
LIN(V):7
LIN(W):8
SD:11
FAULT :9
VDD:2
VSS:1
TH1:13
TH2:14
CFOD:12
Motor
RSD
RP
RTH
RCLR
CCLR
RSU
RSV
RSW
To Op −amp
circuit
C1
CS
HV Ground
VDD=15V
from external
regulator
LV Ground
Star connection to HV Ground
From HV
Power
Source
+
+
ITRIP:10
From Op −amp
circuit
+
+
+
VB(U):34
VB(V):28
VB(W):22
RC filtering for
HINx and LINx
not shown.
Recommended
in noisy
environments.
Vctr
from external
regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com