Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS6D1N08H Datasheet (PDF) - ON Semiconductor

Part # NVMFS6D1N08H
Description  Power MOSFET 80 V, 5.5 m, 89 A, Single N?묬hannel
File Size   145.63 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6D1N08H Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFS6D1N08H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6B03N ONSEMI-NVMFS6B03N Datasheet
82Kb / 6P
Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS6B03NL ONSEMI-NVMFS6B03NL Datasheet
84Kb / 6P
Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
NVMFS6B03NLT1G ONSEMI-NVMFS6B03NLT1G Datasheet
84Kb / 6P
Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
NVMFS6B03NLT1G ONSEMI-NVMFS6B03NLT1G Datasheet
88Kb / 6P
Power MOSFET
January, 2016 ??Rev. 0
NVMFS6B03NLT3G ONSEMI-NVMFS6B03NLT3G Datasheet
84Kb / 6P
Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P0
More results


Similar Description - NVMFS6D1N08H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20P06L ONSEMI-NTD20P06L Datasheet
119Kb / 7P
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTMFS5C646NL ONSEMI-NTMFS5C646NL Datasheet
83Kb / 6P
Power MOSFET 60 V, 89 A, Single N?묬hannel
June, 2014 ??Rev. 0
NTMYS2D4N04C ONSEMI-NTMYS2D4N04C Datasheet
203Kb / 6P
Power MOSFET 40 V, 2.3 m, 138 A, Single N?묬hannel
April, 2019 ??Rev. 0
NVMFS6H800NL ONSEMI-NVMFS6H800NL Datasheet
204Kb / 7P
Power MOSFET Single N?묬hannel, 80 V, 1.9 m, 224 A
April, 2019 ??Rev. 2
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTTFS6H850NL ONSEMI-NTTFS6H850NL Datasheet
192Kb / 7P
Power MOSFET 80 V, 8.6 m, 64 A, Single N?묬hannel
February, 2019 ??Rev. 0
NVMFD6H840NL ONSEMI-NVMFD6H840NL Datasheet
253Kb / 8P
Power MOSFET 80 V, 6.9 m, 74 A, Dual N?묬hannel
April, 2019 ??Rev. 0
NVMFD6H852NL ONSEMI-NVMFD6H852NL Datasheet
221Kb / 7P
Power MOSFET 80 V, 25.5 m, 25 A, Dual N?묬hannel
April, 2019 ??Rev. 0
NVTYS005N06CL ONSEMI-NVTYS005N06CL Datasheet
262Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 5.3 m, 89 A
September, 2021-Rev. 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com