Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS005N06CL Datasheet (PDF) - ON Semiconductor

NVTYS005N06CL Datasheet PDF - ON Semiconductor
Part # NVTYS005N06CL
Download  NVTYS005N06CL Download
File Size   262.18 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 60 V, 5.3 m, 89 A

NVTYS005N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVTYS005N06CL Datasheet PDF - ON Semiconductor

Part # NVTYS005N06CL
Download  NVTYS005N06CL Click to download

File Size   262.18 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 60 V, 5.3 m, 89 A

NVTYS005N06CL Datasheet (HTML) - ON Semiconductor


NVTYS005N06CL Product details

Features
• Small Footprint (3.3 x 3.3 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVTYS005N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS005N04C ONSEMI-NVTYS005N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
NVTYS005N04CL ONSEMI-NVTYS005N04CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.8 m, 75 A
April, 2021 ??Rev. 1
NVTYS005N04CLTWG ONSEMI-NVTYS005N04CLTWG Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.8 m, 75 A
April, 2021 ??Rev. 1
NVTYS005N04CTWG ONSEMI-NVTYS005N04CTWG Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
More results


Similar Description - NVTYS005N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5C646NL ONSEMI-NTMFS5C646NL Datasheet
83Kb / 6P
Power MOSFET 60 V, 89 A, Single N?묬hannel
June, 2014 ??Rev. 0
NTMYS5D3N04C ONSEMI-NTMYS5D3N04C Datasheet
355Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019-Rev. 1
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS5C460N ONSEMI-NVMFS5C460N Datasheet
193Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
July, 2019 ??Rev. 1
NVMFS6D1N08H ONSEMI-NVMFS6D1N08H Datasheet
145Kb / 8P
Power MOSFET 80 V, 5.5 m, 89 A, Single N?묬hannel
August, 2018 ??Rev. 0
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS5D3N04C ONSEMI-NVMYS5D3N04C Datasheet
356Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019 ??Rev. 1
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVBG089N65S3F ONSEMI-NVBG089N65S3F Datasheet
226Kb / 10P
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 89 m, 37 A
May, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com