Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS005N06CL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVTYS005N06CL
Description  MOSFET - Power, Single N-Channel 60 V, 5.3 m, 89 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTYS005N06CL Datasheet(HTML) 2 Page - ON Semiconductor

  NVTYS005N06CL Datasheet HTML 1Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 2Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 3Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 4Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 5Page - ON Semiconductor NVTYS005N06CL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVTYS005N06CL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
10
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 75 mA
1.2
2.2
V
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 50 A
4.4
5.3
mW
VGS = 4.5 V, ID = 50 A
6.1
7.3
Forward Transconductance
gFS
VDS = 5 V, ID = 50 A
100
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
1890
pF
Output Capacitance
Coss
1060
Reverse Transfer Capacitance
Crss
11
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 48 V, ID = 50 A
11.5
nC
Threshold Gate Charge
QG(TH)
2.7
nC
Gate−to−Source Charge
QGS
5.3
Gate−to−Drain Charge
QGD
2.9
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V, ID = 50 A
25
nC
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 48 V,
ID = 50 A, RG = 2.5 W
15
ns
Rise Time
tr
9
Turn−Off Delay Time
td(off)
19
Fall Time
tf
8
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 50 A
TJ = 25°C
0.9
1.2
V
TJ = 125°C
0.8
Reverse Recovery Time
tRR
VGS = 0 V, dlS/dt = 100 A/ms,
IS = 50 A
43
ns
Charge Time
ta
14
Discharge Time
tb
29
Reverse Recovery Charge
QRR
32
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com