Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5C460N Datasheet (PDF) - ON Semiconductor

NVMFS5C460N Datasheet PDF - ON Semiconductor
Part # NVMFS5C460N
Download  NVMFS5C460N Download
File Size   193.25 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A

NVMFS5C460N Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS5C460N Datasheet PDF - ON Semiconductor

Part # NVMFS5C460N
Download  NVMFS5C460N Click to download

File Size   193.25 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A

NVMFS5C460N Datasheet (HTML) - ON Semiconductor


NVMFS5C460N Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFS5C460NWF − Wettable Flank Option for Enhanced Optical Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMFS5C460N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C460NL ONSEMI-NVMFS5C460NL Datasheet
88Kb / 6P
Single N?묬hannel Power MOSFET
September, 2015 ??Rev. 0
NVMFS5C460NL ONSEMI-NVMFS5C460NL Datasheet
129Kb / 6P
Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C460NLAFT1G ONSEMI-NVMFS5C460NLAFT1G Datasheet
129Kb / 6P
Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C460NLT1G ONSEMI-NVMFS5C460NLT1G Datasheet
88Kb / 6P
Single N?묬hannel Power MOSFET
September, 2015 ??Rev. 0
NVMFS5C460NLT1G ONSEMI-NVMFS5C460NLT1G Datasheet
129Kb / 6P
Power MOSFET
February, 2017 ??Rev. 2
More results


Similar Description - NVMFS5C460N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMYS5D3N04C ONSEMI-NTMYS5D3N04C Datasheet
355Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019-Rev. 1
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NVMFS5C670N ONSEMI-NVMFS5C670N Datasheet
179Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 7.0 m, 71 A
December, 2019-Rev. 0
NVTYS005N04C ONSEMI-NVTYS005N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
NVTYS005N06CL ONSEMI-NVTYS005N06CL Datasheet
262Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 5.3 m, 89 A
September, 2021-Rev. 2
NVTYS006N06CL ONSEMI-NVTYS006N06CL Datasheet
328Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.8 m, 71 A
May, 2021 ??Rev. 1
NVTYS9D6P04M8L ONSEMI-NVTYS9D6P04M8L Datasheet
337Kb / 7P
MOSFET ??Power, Single P-Channel -40 V, 9.6 m, -71 A
April, 2021 ??Rev. 0
NVMYS5D3N04C ONSEMI-NVMYS5D3N04C Datasheet
356Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019 ??Rev. 1
NVMYS6D2N06CL ONSEMI-NVMYS6D2N06CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.1 m, 71 A
November, 2019 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com