Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS006N06CL Datasheet (PDF) - ON Semiconductor

NVTYS006N06CL Datasheet PDF - ON Semiconductor
Part # NVTYS006N06CL
Download  NVTYS006N06CL Download
File Size   328.96 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 6.8 m, 71 A

NVTYS006N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVTYS006N06CL Datasheet PDF - ON Semiconductor

Part # NVTYS006N06CL
Download  NVTYS006N06CL Click to download

File Size   328.96 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 6.8 m, 71 A

NVTYS006N06CL Datasheet (HTML) - ON Semiconductor


NVTYS006N06CL Product details

Features
• Small Footprint (3.3 x 3.3 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVTYS006N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS002N03CL ONSEMI-NVTYS002N03CL Datasheet
343Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0
NVTYS002N03CLTWG ONSEMI-NVTYS002N03CLTWG Datasheet
343Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0
NVTYS003N03CL ONSEMI-NVTYS003N03CL Datasheet
344Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
NVTYS003N03CLTWG ONSEMI-NVTYS003N03CLTWG Datasheet
344Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
NVTYS003N04C ONSEMI-NVTYS003N04C Datasheet
330Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 3.9 m, 99 A
April, 2021 - Rev. 0
More results


Similar Description - NVTYS006N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMYS5D3N04C ONSEMI-NTMYS5D3N04C Datasheet
355Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019-Rev. 1
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NVMFS5C460N ONSEMI-NVMFS5C460N Datasheet
193Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
July, 2019 ??Rev. 1
NVMFS5C670N ONSEMI-NVMFS5C670N Datasheet
179Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 7.0 m, 71 A
December, 2019-Rev. 0
NVTYS005N04C ONSEMI-NVTYS005N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
NVTYS9D6P04M8L ONSEMI-NVTYS9D6P04M8L Datasheet
337Kb / 7P
MOSFET ??Power, Single P-Channel -40 V, 9.6 m, -71 A
April, 2021 ??Rev. 0
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS5D3N04C ONSEMI-NVMYS5D3N04C Datasheet
356Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019 ??Rev. 1
NVMYS6D2N06CL ONSEMI-NVMYS6D2N06CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.1 m, 71 A
November, 2019 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com