Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS006N06CL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVTYS006N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 6.8 m, 71 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTYS006N06CL Datasheet(HTML) 2 Page - ON Semiconductor

  NVTYS006N06CL Datasheet HTML 1Page - ON Semiconductor NVTYS006N06CL Datasheet HTML 2Page - ON Semiconductor NVTYS006N06CL Datasheet HTML 3Page - ON Semiconductor NVTYS006N06CL Datasheet HTML 4Page - ON Semiconductor NVTYS006N06CL Datasheet HTML 5Page - ON Semiconductor NVTYS006N06CL Datasheet HTML 6Page - ON Semiconductor NVTYS006N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© Semiconductor Components Industries, LLC, 2019
May, 2021 − Rev. 1
1
Publication Order Number:
NVTYS006N06CL/D
MOSFET – Power, Single
N-Channel
60 V, 6.8 mW, 71 A
NVTYS006N06CL
Features
• Small Footprint (3.3 x 3.3 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 2, 3, 4)
Steady
State
TC = 25°C
ID
71
A
TC = 100°C
50
Power Dissipation
RqJC (Notes 1, 2, 3)
TC = 25°C
PD
61
W
TC = 100°C
31
Continuous Drain
Current RqJA
(Notes 1, 3, 4)
Steady
State
TA = 25°C
ID
16
A
TA = 100°C
11
Power Dissipation
RqJA (Notes 1, 3)
TA = 25°C
PD
3.2
W
TA = 100°C
1.6
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
322
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
51
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 3.6 A)
EAS
115
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State (Note 3)
RqJC
2.4
°C/W
Junction−to−Ambient − Steady State (Note 3)
RqJA
47
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Psi (Y) is used as required per JESD51−12 for packages in which substantially
less than 100% of the heat flows to single case surface.
3. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
4. Continuous DC current rating. Maximum current for pulses as long as 1
second is higher but is dependent on pulse duration and duty cycle.
www.onsemi.com
V(BR)DSS
RDS(on) MAX
ID MAX
60 V
6.8 mW @ 10 V
71 A
10 mW @ 4.5 V
N−Channel
D (5 − 8)
S (1, 2, 3)
G (4)
MARKING DIAGRAM
006N06CL = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
006N
06CL
AWLYW
LFPAK8
3.3x3.3
CASE 760AD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com