Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856166 Datasheet (PDF) - TriQuint Semiconductor

Part # 856166
Description  2441.75 MHz SAW Filter
File Size   434.83 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856166 Datasheet (PDF) - TriQuint Semiconductor



Similar Part No. - 856166

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8561600 FIBOX-8561600 Datasheet
60Kb / 2P
PC Enclosure
13.07.2023
8561601 FIBOX-8561601 Datasheet
60Kb / 2P
PC Enclosure
13.07.2023
8561602 FIBOX-8561602 Datasheet
60Kb / 2P
PC Enclosure
13.07.2023
8561603 FIBOX-8561603 Datasheet
60Kb / 2P
PC Enclosure
13.07.2023
8561604 FIBOX-8561604 Datasheet
60Kb / 2P
PC Enclosure
13.07.2023
More results


Similar Description - 856166

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1834C TAI-SAW-TA1834C Datasheet
533Kb / 8P
SAW Filter 2441.75 MHz SMD 1.4x1.1 mm (BW=83.5 MHz)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com