Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS014P04M8L Datasheet (PDF) - ON Semiconductor

Part # NVTYS014P04M8L
Description  MOSFET – Power, Single P-Channel −40 V, 13.5 m, −53 A
File Size   337.37 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTYS014P04M8L Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVTYS014P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS014N08HL ONSEMI-NVTYS014N08HL Datasheet
341Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 13.9 m, 40 A
April, 2021 - Rev. 0
NVTYS014N08HLTWG ONSEMI-NVTYS014N08HLTWG Datasheet
341Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 13.9 m, 40 A
April, 2021 - Rev. 0
More results


Similar Description - NVTYS014P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS5811NL ONSEMI-NTTFS5811NL Datasheet
258Kb / 6P
Power MOSFET 40 V, 53 A, 6.4 m廓
May, 2010 -- Rev. 1
NTLJS14D0P03P8Z ONSEMI-NTLJS14D0P03P8Z Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
NVMFS2D3P04M8L ONSEMI-NVMFS2D3P04M8L Datasheet
278Kb / 9P
MOSFET - Power, Single P-Channel -40 V, 2.2 m, -222 A
March, 2021-Rev. 6
NVTFS014P04M8L ONSEMI-NVTFS014P04M8L Datasheet
229Kb / 7P
MOSFET ??Power, Single, P-Channel -40 V, 13.8 m, -49 A
May, 2020 ??Rev. 4
NVTFS9D6P04M8L ONSEMI-NVTFS9D6P04M8L Datasheet
226Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4
NVTYS9D6P04M8L ONSEMI-NVTYS9D6P04M8L Datasheet
337Kb / 7P
MOSFET ??Power, Single P-Channel -40 V, 9.6 m, -71 A
April, 2021 ??Rev. 0
NVMFS014P04M8L ONSEMI-NVMFS014P04M8L Datasheet
223Kb / 7P
MOSFET ??Power, Single P-Channel-40 V, 13.8 m, -52.1 A
February, 2021 ??Rev.1
NVMFS025P04M8L ONSEMI-NVMFS025P04M8L Datasheet
199Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 23 m, -34.6 A
March, 2021-Rev. 1
NVTYS025P04M8L ONSEMI-NVTYS025P04M8L Datasheet
267Kb / 6P
MOSFET - Power, Single P-Channel -40 V, 25 m, -32 A
November, 2021-Rev. 0
NVMFS9D6P04M8L ONSEMI-NVMFS9D6P04M8L Datasheet
136Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -77 A
June, 2022 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com