Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMYS014N06CL Datasheet (PDF) - ON Semiconductor

Part # NVMYS014N06CL
Description  MOSFET – Power, Single N-Channel 60 V, 15 m, 37 A
File Size   345.57 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMYS014N06CL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMYS014N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NVMYS010N04CLTWG ONSEMI-NVMYS010N04CLTWG Datasheet
339Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NVMYS011N04C ONSEMI-NVMYS011N04C Datasheet
341Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 12 m, 35 A
July, 2019 - Rev. 0
NVMYS011N04CTWG ONSEMI-NVMYS011N04CTWG Datasheet
341Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 12 m, 35 A
July, 2019 - Rev. 0
NVMYS012N10MCL ONSEMI-NVMYS012N10MCL Datasheet
243Kb / 6P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 52 A
June, 2022 - Rev. 0
More results


Similar Description - NVMYS014N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS5820NL ONSEMI-NTTFS5820NL Datasheet
116Kb / 6P
Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
NVD6414ANT4G ONSEMI-NVD6414ANT4G Datasheet
147Kb / 7P
N-Channel Power MOSFET 100 V, 32 A, 37 m
October, 2011 ??Rev. 1
NTMYS014N06CL ONSEMI-NTMYS014N06CL Datasheet
327Kb / 7P
Power MOSFET 60 V, 15 m, 37 A, Single N?묬hannel
March, 2019-Rev. 0
NVLJWS011N04CL ONSEMI-NVLJWS011N04CL Datasheet
170Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 11 m, 37 A
March, 2022 ??Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVBG089N65S3F ONSEMI-NVBG089N65S3F Datasheet
226Kb / 10P
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 89 m, 37 A
May, 2022 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com