Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR512RHZG Datasheet (PDF) - Rohm

Part # 2SCR512RHZG
Description  NPN 2.0A 30V Middle Power Transistor
File Size   1559.52 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR512RHZG Datasheet (PDF) - Rohm



Similar Part No. - 2SCR512RHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
NPN 2.0A 30V Middle Power Transistor
More results


Similar Description - 2SCR512RHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR553PT100 ROHM-2SCR553PT100 Datasheet
344Kb / 7P
NPN 2.0A 50V Middle Power Transistor
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
2SCR574D ROHM-2SCR574D Datasheet
803Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SAR512P ROHM-2SAR512P Datasheet
439Kb / 8P
PNP -2.0A -30V Middle Power Transistor
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
PNP -2.0A -30V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
NPN 3.0A 30V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
NPN 2.0A 30V Middle Power Transistor
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com