Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS9D6P04M8L Datasheet (PDF) - ON Semiconductor

Part # NVMFS9D6P04M8L
Description  MOSFET - Power, Single P-Channel -40 V, 9.5 m, -77 A
File Size   136.95 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS9D6P04M8L Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFS9D6P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS003P03P8Z ONSEMI-NVMFS003P03P8Z Datasheet
172Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1
NVMFS003P03P8ZT1G ONSEMI-NVMFS003P03P8ZT1G Datasheet
172Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1
NVMFS005N10MCL ONSEMI-NVMFS005N10MCL Datasheet
153Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 5.1 m, 108 A
September, 2021-Rev. 1
NVMFS005N10MCLT1G ONSEMI-NVMFS005N10MCLT1G Datasheet
153Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 5.1 m, 108 A
September, 2021-Rev. 1
NVMFS014P04M8L ONSEMI-NVMFS014P04M8L Datasheet
223Kb / 7P
MOSFET ??Power, Single P-Channel-40 V, 13.8 m, -52.1 A
February, 2021 ??Rev.1
More results


Similar Description - NVMFS9D6P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS004N04C ONSEMI-NTTFS004N04C Datasheet
212Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 4.9 m, 77 A
June, 2019 ??Rev. 0
NVMFS2D3P04M8L ONSEMI-NVMFS2D3P04M8L Datasheet
278Kb / 9P
MOSFET - Power, Single P-Channel -40 V, 2.2 m, -222 A
March, 2021-Rev. 6
NVTFS014P04M8L ONSEMI-NVTFS014P04M8L Datasheet
229Kb / 7P
MOSFET ??Power, Single, P-Channel -40 V, 13.8 m, -49 A
May, 2020 ??Rev. 4
NVTFS9D6P04M8L ONSEMI-NVTFS9D6P04M8L Datasheet
226Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4
NVTYS010N04CL ONSEMI-NVTYS010N04CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 9.5 m, 43 A
April, 2021 ??Rev. 1
NVTYS9D6P04M8L ONSEMI-NVTYS9D6P04M8L Datasheet
337Kb / 7P
MOSFET ??Power, Single P-Channel -40 V, 9.6 m, -71 A
April, 2021 ??Rev. 0
NVMFS014P04M8L ONSEMI-NVMFS014P04M8L Datasheet
223Kb / 7P
MOSFET ??Power, Single P-Channel-40 V, 13.8 m, -52.1 A
February, 2021 ??Rev.1
NVTYS025P04M8L ONSEMI-NVTYS025P04M8L Datasheet
267Kb / 6P
MOSFET - Power, Single P-Channel -40 V, 25 m, -32 A
November, 2021-Rev. 0
NVTYS014P04M8L ONSEMI-NVTYS014P04M8L Datasheet
337Kb / 7P
MOSFET – Power, Single P-Channel −40 V, 13.5 m, −53 A
May, 2021 - Rev. P2
NVTFS004N04C ONSEMI-NVTFS004N04C Datasheet
216Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 4.9 m, 77 A
August, 2019 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com