Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRFC Datasheet (PDF) - List of Unclassifed Manufacturers

Part # KRFC
Description  Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
File Size   392.15 Kbytes
Html View  1 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KRFC Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - KRFC

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
KRFC KGS-KRFC Datasheet
236Kb / 1P
Split ferrite clamp for Mid-frequency range from 3 to 50MHz.
KRFC-10 KGS-KRFC-10 Datasheet
236Kb / 1P
Split ferrite clamp for Mid-frequency range from 3 to 50MHz.
KRFC-13 KGS-KRFC-13 Datasheet
236Kb / 1P
Split ferrite clamp for Mid-frequency range from 3 to 50MHz.
KRFC-15 KGS-KRFC-15 Datasheet
236Kb / 1P
Split ferrite clamp for Mid-frequency range from 3 to 50MHz.
KRFC-26 KGS-KRFC-26 Datasheet
236Kb / 1P
Split ferrite clamp for Mid-frequency range from 3 to 50MHz.
More results


Similar Description - KRFC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX11LHG EUROQUARTZ-CX11LHG Datasheet
181Kb / 1P
Frequency Range 16MHz to 50MHz
CX18SMAT EUROQUARTZ-CX18SMAT Datasheet
99Kb / 1P
Frequency Range 30MHz ~ 50MHz
logo
Pasternack Enterprises,...
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
PE8405 PASTERNACK-PE8405 Datasheet
91Kb / 1P
SMA FERRITE CIRCURATOR FREQUENCY RANGE : 11 TO 18 GHz
logo
RF Micro Devices
RFXF9503 RFMD-RFXF9503 Datasheet
150Kb / 2P
Frequency Range: 3 MHz to 3000MHz
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
logo
Abracon Corporation
ASG-D ABRACON-ASG-D Datasheet
2Mb / 5P
Frequency range from 10MHz to 250MHz with LVCMOS output
04.17.12
logo
CRYSTEK CORPORATION
CATTEN-08R0-BNC CRYSTEKMICROWAVE-CATTEN-08R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com