Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJST0D9N04C Datasheet (PDF) - ON Semiconductor

Part # NVMJST0D9N04C
Description  MOSFET – Power, Single N-Channel 40 V, 1.07 m, 531 A
File Size   312.61 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJST0D9N04C Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMJST0D9N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJST1D2N04C ONSEMI-NVMJST1D2N04C Datasheet
327Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 1.25 m, 451 A
September, 2022 - Rev. 0
NVMJST1D2N04CTXG ONSEMI-NVMJST1D2N04CTXG Datasheet
327Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 1.25 m, 451 A
September, 2022 - Rev. 0
NVMJST1D4N06CL ONSEMI-NVMJST1D4N06CL Datasheet
316Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 1.49 m, 198 A NVMJST1D4N06CL
November, 2022 - Rev. 0
NVMJST1D6N04C ONSEMI-NVMJST1D6N04C Datasheet
197Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.65 m, 319 A
August, 2022 - Rev. 0
NVMJST1D6N04C ONSEMI-NVMJST1D6N04C Datasheet
194Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.65 m, 314 A
September, 2022 - Rev. 1
More results


Similar Description - NVMJST0D9N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
NVD5C486N ONSEMI-NVD5C486N Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 17.9 m, 22 A
June, 2019-Rev. 0
NVD5C486NL ONSEMI-NVD5C486NL Datasheet
234Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
June, 2019-Rev. 0
NVLJWS011N04CL ONSEMI-NVLJWS011N04CL Datasheet
170Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 11 m, 37 A
March, 2022 ??Rev. 0
NVTFS015N04C ONSEMI-NVTFS015N04C Datasheet
209Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 17.3 m, 27 A
August, 2019 ??Rev. 1
NVTYS005N04CL ONSEMI-NVTYS005N04CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.8 m, 75 A
April, 2021 ??Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com