Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFWS004N10MC Datasheet (PDF) - ON Semiconductor

Part # NVMFWS004N10MC
Description  MOSFET – Power, Single N-Channel 100 V, 3.9 m, 138 A
File Size   211.38 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFWS004N10MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFWS004N10MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFWS004N04XM ONSEMI-NVMFWS004N04XM Datasheet
143Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 4.7 m, 66 A
November, 2023 - Rev. 1
NVMFWS004N04XMT1G ONSEMI-NVMFWS004N04XMT1G Datasheet
143Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 4.7 m, 66 A
November, 2023 - Rev. 1
More results


Similar Description - NVMFWS004N10MC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
logo
Renesas Technology Corp
RJK0602DPN-E0 RENESAS-RJK0602DPN-E0 Datasheet
89Kb / 7P
N-Channel MOS FET 60 V, 100 A, 3.9 m.
RJK0602DPN-E0 RENESAS-RJK0602DPN-E0_15 Datasheet
89Kb / 7P
N-Channel MOS FET 60 V, 100 A, 3.9 m?
logo
NXP Semiconductors
PSMN3R8-100BS PHILIPS-PSMN3R8-100BS_15 Datasheet
236Kb / 14P
N-channel 100 V 3.9 m standard level MOSFET in D2PAK
Rev. 2-29 February 2012
logo
ON Semiconductor
NTMYS2D4N04C ONSEMI-NTMYS2D4N04C Datasheet
203Kb / 6P
Power MOSFET 40 V, 2.3 m, 138 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NTTFS3D7N06HL ONSEMI-NTTFS3D7N06HL Datasheet
504Kb / 7P
MOSFET - Single N-Channel 60 V, 3.9 m, 103 A
October, 2020 ??Rev. 2
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
NVMYS2D4N04C ONSEMI-NVMYS2D4N04C Datasheet
279Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.3 m, 138 A
July, 2019 ??Rev. 0
NVTYS003N04C ONSEMI-NVTYS003N04C Datasheet
330Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 3.9 m, 99 A
April, 2021 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com