Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K320FH4/0 Datasheet (PDF) - Amphenol Industrial Products Group.

Part # K320FH4/0
Description  UL 1977 Effortless & Arcless Din Connectors 160A/320A/430A
File Size   5034.0 Kbytes
Html View  1   2   3 
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

K320FH4/0 Datasheet (PDF) - Amphenol Industrial Products Group.



Similar Part No. - K320FH4/0

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
K320 GWSEMI-K320 Datasheet
209Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
logo
VBsemi Electronics Co.,...
K3205 VBSEMI-K3205 Datasheet
1,008Kb / 7P
N-Channel 200 V (D-S) MOSFET
logo
Shanghai Shunye Electro...
K320L SHUNYE-K320L Datasheet
472Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
Goodwork Semiconductor ...
K320V GWSEMI-K320V Datasheet
126Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
More results


Similar Description - K320FH4/0

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PQ160QH04N NIEC-PQ160QH04N Datasheet
56Kb / 2P
SBD MODULE 160A/40V
logo
Adam Technologies, Inc.
DIP96MRL33A1C1 ADAM-TECH-DIP96MRL33A1C1 Datasheet
154Kb / 1P
DIN 41612 CONNECTORS
logo
Lumberg
XS32 LUMBERG-XS32 Datasheet
96Kb / 1P
DIN circular connectors
logo
Bourns Electronic Solut...
1977-XX-XXX BOURNS-1977-XX-XXX Datasheet
222Kb / 2P
1977 Series High Frequency Coaxial SPD
logo
Naina Semiconductor ltd...
NDD160C NAINA-NDD160C Datasheet
227Kb / 3P
Diode/Diode Module, 160A
logo
Schneider Electric
1008797 SCHNEIDER-1008797 Datasheet
104Kb / 2P
METER SOCKET RINGLESS 320A LEVER SOLID
1009444 SCHNEIDER-1009444 Datasheet
84Kb / 2P
MTR SKT 320A 1PH HCP
UTH4300T SCHNEIDER-UTH4300T Datasheet
78Kb / 2P
METER SOCKET RINGLESS LEVER OH 320A
Mar 26, 2020
logo
TECH PUBLIC Electronics...
TPE1255D6 TECHPUBLIC-TPE1255D6 Datasheet
1Mb / 4P
160A For Vbus
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com