Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPLST2122-030CF Datasheet (PDF) - Tyco Electronics

Part # MAPLST2122-030CF
Description  RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
File Size   162.1 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPLST2122-030CF Datasheet (PDF) - Tyco Electronics



Similar Part No. - MAPLST2122-030CF

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPLST2122-030CF MA-COM-MAPLST2122-030CF Datasheet
188Kb / 7P
LDMOS RF Line Power FET Transistor 30 W , 2110-2170 MHz, 28V
More results


Similar Description - MAPLST2122-030CF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
logo
Tyco Electronics
MAPLST2122-015CF MACOM-MAPLST2122-015CF Datasheet
238Kb / 5P
RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 15W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
MAPLST2122-090CF MACOM-MAPLST2122-090CF Datasheet
164Kb / 5P
RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 90W, 28V
logo
Infineon Technologies A...
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com