Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD028N06NF2S Datasheet (PDF) - Infineon Technologies AG

Part # IPD028N06NF2S
Description  StrongIRFETTM2 Power-Transistor
File Size   897.82 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD028N06NF2S Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - IPD028N06NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD020N03LF2S INFINEON-IPD020N03LF2S Datasheet
946Kb / 13P
MOSFET StrongIRFET™ 2 PowerTransistor, 30 V
Revision 1.0 2024-09-20
IPD020N03LF2SATMA1 INFINEON-IPD020N03LF2SATMA1 Datasheet
946Kb / 13P
MOSFET StrongIRFET™ 2 PowerTransistor, 30 V
Revision 1.0 2024-09-20
IPD023N03LF2S INFINEON-IPD023N03LF2S Datasheet
948Kb / 13P
MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
Revision 1.0 2024-09-20
IPD023N04NF2S INFINEON-IPD023N04NF2S Datasheet
1,001Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.1, 2022-09-20
IPD025N06N INFINEON-IPD025N06N Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
More results


Similar Description - IPD028N06NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP040N06NF2S INFINEON-IPP040N06NF2S Datasheet
846Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.2, 2022-05-16
IPP014N06NF2S INFINEON-IPP014N06NF2S Datasheet
855Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.2, 2022-05-16
IPP016N06NF2S INFINEON-IPP016N06NF2S Datasheet
852Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.1, 2022-05-16
IPP030N06NF2S INFINEON-IPP030N06NF2S Datasheet
843Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.2, 2022-05-16
IPB011N04NF2S INFINEON-IPB011N04NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-12
IPB014N04NF2S INFINEON-IPB014N04NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-11
IPB018N06NF2S INFINEON-IPB018N06NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-19
IPD038N06NF2S INFINEON-IPD038N06NF2S Datasheet
997Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.1, 2022-09-20
IPF010N04NF2S INFINEON-IPF010N04NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-11
IPF012N06NF2S INFINEON-IPF012N06NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com