| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX40056F
|
1Mb / 24P |
Bidirectional Current Sense Amplifier with PWM-Rejection
2021 |
 Texas Instruments |
INA241A
|
1Mb / 27P |
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022 |
|
INA241A
|
2Mb / 32P |
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022 |
|
INA241A
|
2Mb / 34P |
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022 |
|
INA241A-Q1
|
2Mb / 37P |
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023 |
|
INA241A-Q1
|
2Mb / 38P |
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023 |
 Analog Devices |
AD8411A
|
1Mb / 23P |
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0 |
 Texas Instruments |
INA241A
|
2Mb / 39P |
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023 |
|
INA241A-Q1
|
2Mb / 39P |
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023 |
|
INA241A
|
2Mb / 43P |
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023 |