Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF5529 Datasheet (PDF) - Guerrilla RF, Inc.

Part # GRF5529
Description  HIGH EFFICIENCY POWER AMPLIFIER 2.95 GHz
File Size   1389.15 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF5529 Datasheet (PDF) - Guerrilla RF, Inc.



Similar Part No. - GRF5529

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5521 GUERRILLA-GRF5521 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5526 GUERRILLA-GRF5526 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
GRF5526W GUERRILLA-GRF5526W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz
January 27, 2023
More results


Similar Description - GRF5529

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2119 RFMD-RF2119 Datasheet
82Kb / 8P
HIGH EFFICIENCY 2V POWER AMPLIFIER
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
logo
IXYS Corporation
MMA-445933H-02 IXYS-MMA-445933H-02 Datasheet
377Kb / 8P
4.4-5.9 GHZ 2W HIGH EFFICIENCY LINEAR POWER AMPLIFIER
logo
Microchip Technology
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com