Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMD12-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

Part # PUMD12-Q
Description  NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
File Size   277.57 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMD12-Q Datasheet (PDF) - Nexperia B.V. All rights reserved



Similar Part No. - PUMD12-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD12 PHILIPS-PUMD12 Datasheet
60Kb / 8P
NPN/PNP resistor-equipped transistor
1999 Apr 26
PUMD12 PHILIPS-PUMD12 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD12 NXP-PUMD12 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PUMD12 NEXPERIA-PUMD12 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
More results


Similar Description - PUMD12-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMH10-Q NEXPERIA-PUMH10-Q Datasheet
1Mb / 12P
NPN/NPN resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PUMH13-Q NEXPERIA-PUMH13-Q Datasheet
252Kb / 13P
NPN/NPN double Resistor-Equipped Transistor (RET); R1= 4.7 kΩ, R2 = 47 kΩ
28 January 2022
PDTA143ZMB NEXPERIA-PDTA143ZMB Datasheet
837Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
Rev. 1 - 29 June 2012
PDTA144W_SERIES NEXPERIA-PDTA144W_SERIES Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
PUMB13-Q NEXPERIA-PUMB13-Q Datasheet
235Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PUMD10-Q NEXPERIA-PUMD10-Q Datasheet
279Kb / 15P
NPN/PNP double Resistor-Equipped Transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
14 September 2021
PUMD13-Q NEXPERIA-PUMD13-Q Datasheet
250Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PQMD12 NEXPERIA-PQMD12 Datasheet
689Kb / 14P
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
8 July 2015
PEMD48 NEXPERIA-PEMD48 Datasheet
242Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
29 December 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com