Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93AW Datasheet (PDF) - NXP Semiconductors

Part # BFR93AW
Description  NPN 5 GHz wideband transistor
File Size   87.53 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93AW Datasheet (PDF) - NXP Semiconductors



Similar Part No. - BFR93AW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR93AW VISHAY-BFR93AW Datasheet
146Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
logo
Infineon Technologies A...
BFR93AW INFINEON-BFR93AW Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jul-30-2001
logo
NXP Semiconductors
BFR93AW NXP-BFR93AW Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BFR93AW NJSEMI-BFR93AW Datasheet
70Kb / 2P
Silicon NPN RF Transistor
More results


Similar Description - BFR93AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
NPN 5 GHz wideband transistor
2000 Mar 28
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFQ19 NXP-BFQ19 Datasheet
225Kb / 7P
NPN 5 GHz wideband transistor
Rev. 03-28 September 2007
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFS25A_CNV PHILIPS-BFS25A_CNV_15 Datasheet
259Kb / 13P
NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
logo
Quanzhou Jinmei Electro...
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com