Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0921A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0921A
Description  SMD 5.0x3.2 26.0MHz Crystal Unit
File Size   209.15 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0921A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0921A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0924A TAI-SAW-TZ0924A Datasheet
207Kb / 2P
8.0x3.0mm DIP Tuning Fork 32.768kHz Crystal Unit
REV. NO.: 1.0
TZ0926A TAI-SAW-TZ0926A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 27.000MHz
REV. NO.: 3
TZ0928A TAI-SAW-TZ0928A Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TZ0928AC TAI-SAW-TZ0928AC Datasheet
434Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 1
More results


Similar Description - TZ0921A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0119A TAI-SAW-TZ0119A Datasheet
218Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 4
TZ0133A TAI-SAW-TZ0133A Datasheet
200Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 2
TZ0287A TAI-SAW-TZ0287A Datasheet
234Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 2
TZ0468A TAI-SAW-TZ0468A Datasheet
218Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
TZ0611A TAI-SAW-TZ0611A Datasheet
218Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
TZ0617A TAI-SAW-TZ0617A Datasheet
192Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
TZ0629A TAI-SAW-TZ0629A Datasheet
192Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
TZ0735A TAI-SAW-TZ0735A Datasheet
182Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
TZ0789A TAI-SAW-TZ0789A Datasheet
198Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
TZ0808A TAI-SAW-TZ0808A Datasheet
189Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com