| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PDTD123E
|
68Kb / 10P |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005 |
|
PDTA113Z
|
121Kb / 18P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009 |
|
PDTD113ZT
|
71Kb / 9P |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009 |
|
PIMC31
|
113Kb / 13P |
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009 |
|
PIMN31
|
94Kb / 11P |
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-19 June 2007 |
|
PDTD113ZT
|
71Kb / 9P |
NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009 |
|
PDTD113ZT
|
71Kb / 9P |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009 |
 Nexperia B.V. All right... |
PDTA113E_SER
|
235Kb / 19P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009 |
|
PDTA113Z_SER
|
236Kb / 19P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04 - 2 September 2009 |
|
PIMN31
|
209Kb / 12P |
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007 |