Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKP18N20 Datasheet (PDF) - FETek Technology Corp.

Part # FKP18N20
Description  N-Ch 200V Fast Switching MOSFETs
File Size   700.68 Kbytes
Html View  1   2   3   4 
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKP18N20 Datasheet (PDF) - FETek Technology Corp.



Similar Part No. - FKP18N20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FKP1-3300/2000/5 IRF-FKP1-3300/2000/5 Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
logo
FETek Technology Corp.
FKP100N12 FETEK-FKP100N12 Datasheet
500Kb / 4P
N-Ch 120V Fast Switching MOSFETs
Ver : A
FKP100N15 FETEK-FKP100N15 Datasheet
518Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
logo
Infineon Technologies A...
FKP1R031507E00KSSD INFINEON-FKP1R031507E00KSSD Datasheet
185Kb / 10P
H철chstzul채ssige Werte / maximum rated values
2002-09-03
FKP1T013305B00KSSD INFINEON-FKP1T013305B00KSSD Datasheet
185Kb / 10P
H철chstzul채ssige Werte / maximum rated values
2002-09-03
More results


Similar Description - FKP18N20

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM18N20D UPI-QM18N20D Datasheet
277Kb / 4P
N-Ch 200V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKD18N20 FETEK-FKD18N20 Datasheet
707Kb / 4P
N-Ch 200V Fast Switching MOSFETs
Ver : A
FKL03N20 FETEK-FKL03N20 Datasheet
642Kb / 5P
N-ch 200V Fast Switching MOSFETs
Ver : A
FKH18N20 FETEK-FKH18N20 Datasheet
457Kb / 4P
N-Ch 200V Fast Switching MOSFETs
Ver : A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com