Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4ZTTCR Datasheet (PDF) - Transko Electronics, Inc.

Part # 4ZTTCR
Description  CERAMIC RESONATORS (4.5 X 2.0 X 1.2 mm)
File Size   389.58 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

4ZTTCR Datasheet (PDF) - Transko Electronics, Inc.



Similar Description - 4ZTTCR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
AWSZT-CW ABRACON-AWSZT-CW Datasheet
1Mb / 2P
2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
ILSI America LLC
IL3T ILSI-IL3T Datasheet
126Kb / 2P
2 Pad Ceramic Base SMD Crystal, 2.0 mm x 1.2 mm
logo
Transko Electronics, In...
1ZTTCW TRANSKO-1ZTTCW Datasheet
401Kb / 1P
CERAMIC RESONATORS (2.0 X 2.5 X 1.2 / 0.55 mm)
Rev. 1: Jul. 2014
2ZTTCE TRANSKO-2ZTTCE Datasheet
439Kb / 1P
CERAMIC RESONATORS (3.2 X 1.3 X 1.0 mm)
Rev.2: 03-22-2019
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
logo
EHAOAN.
EH-C171KRKT EHAOAN-EH-C171KRKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com