Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCRO Datasheet (PDF) - Transko Electronics, Inc.

Part # TCRO
Description  SMD VOLTAGE CONTROLLED OSCILLATOR (12.7 X 12.7 X 6.0MM)
File Size   536.14 Kbytes
Html View  1   2   3   4 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCRO Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TCRO

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TCR TEC-TCR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
Compatible with all TCP3500 PSU models
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
Thermocouple Temperature Signal Input Alarms
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
1.3 A CMOS Ultra Low Dropout Regulator
More results


Similar Description - TCRO

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009268-PKG003 MA-COM-MAOC-009268-PKG003 Datasheet
159Kb / 5P
Voltage Controlled Oscillator 12.7 - 14.2 GHz
logo
Advanced Crystal Techno...
OX260 ACT-OX260 Datasheet
284Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 6.5mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
NF-TYPE TAITIEN-NF-TYPE Datasheet
413Kb / 1P
20.3 x 12.7 mm Oven Controlled Crystal Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TV0137A TAI-SAW-TV0137A Datasheet
105Kb / 7P
VCO, SMD, 7.8mm x 6.0mm
REV. NO.: 2.0
logo
Transko Electronics, In...
THH TRANSKO-THH Datasheet
470Kb / 2P
TCXO/VCTCXO HALF SIZE HERMETIC SEALED (12.7 x 12.7 x 5.1mm)
Rev. 1: Dec. 2014
THI TRANSKO-THI Datasheet
441Kb / 2P
TCXO HALF SIZE HERMETIC SEALED (12.7 x 12.7 x 5.1mm)
Ver. 2: Sep. 2013
TVCO-A TRANSKO-TVCO-A Datasheet
270Kb / 1P
SMD VOLTAGE CONTROLLED OSCILLATOR (10.2 X 7.2 X 2.8MM)
TVCO TRANSKO-TVCO Datasheet
555Kb / 4P
SMD VOLTAGE CONTROLLED OSCILLATOR (12.8 X 12.8 X 4.0MM)
TVCO-B TRANSKO-TVCO-B Datasheet
267Kb / 1P
SMD VOLTAGE CONTROLLED OSCILLATOR (7.8 X 5.8 X 3.3MM)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com