Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIT03020F-2R2 Datasheet (PDF) - Transko Electronics, Inc.

Part # TMPIT03020F-2R2
Description  Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
File Size   629.74 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIT03020F-2R2 Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TMPIT03020F-2R2

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIT04020AF TRANSKO-TMPIT04020AF Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT04020AF-1R0M TRANSKO-TMPIT04020AF-1R0M Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT04020AF-1R2M TRANSKO-TMPIT04020AF-1R2M Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT04020AF-1R5M TRANSKO-TMPIT04020AF-1R5M Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT04020AF-1R8M TRANSKO-TMPIT04020AF-1R8M Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
More results


Similar Description - TMPIT03020F-2R2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CV ABRACON-AWSZT-CV Datasheet
1Mb / 2P
3.7 x 3.1 mm SMD CERAMIC RESONATOR
09.18.08
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
AT-0014-XV TAITIEN-AT-0014-XV Datasheet
267Kb / 1P
5.0 x 3.2 mm SMD Crystal
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com