Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM Datasheet (PDF) - Transko Electronics, Inc.

Part # TPSM
Description  CERAMIC SMD LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
File Size   416.49 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPSM Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TPSM

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSM12T1G TECHPUBLIC-TPSM12T1G Datasheet
1Mb / 4P
TVS Diode Array
logo
Texas Instruments
TPSM13604H TI-TPSM13604H Datasheet
1Mb / 26P
TPSM13604H 5-V to 36-V Input, 4-A High Output Voltage Power Module
TPSM13604HNDWR TI-TPSM13604HNDWR Datasheet
1Mb / 26P
TPSM13604H 5-V to 36-V Input, 4-A High Output Voltage Power Module
logo
Transko Electronics, In...
TPSM2 TRANSKO-TPSM2 Datasheet
137Kb / 1P
ULTRA MINIATURE SMD PECL OUTPUT OSCILLATOR (2.5 x 2.0 x 1.1mm)
Rev. 0: Apr. 2019
logo
TECH PUBLIC Electronics...
TPSM24CANA-02HTG TECHPUBLIC-TPSM24CANA-02HTG Datasheet
1Mb / 4P
CAN bus ESD protection diode
More results


Similar Description - TPSM

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0007-OC-TYPE TAITIEN-XO-0007-OC-TYPE Datasheet
231Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
XO-0054-OT-LVPECL TAITIEN-XO-0054-OT-LVPECL Datasheet
387Kb / 1P
7.0 x 5.0 mm SMD LVPECL/LVDS Crystal Oscillator
logo
Transko Electronics, In...
TP75A TRANSKO-TP75A Datasheet
357Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022
TGM TRANSKO-TGM Datasheet
583Kb / 2P
CERAMIC SMD LVDS/LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev.3: Jan. 2016
TGM5 TRANSKO-TGM5 Datasheet
583Kb / 2P
CERAMIC SMD LVDS/LVPECL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.0: Jan. 2016
THCSI TRANSKO-THCSI Datasheet
305Kb / 1P
CERAMIC SMD HCSL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.8mm)
Rev. 2: 12-07-2022
TISM TRANSKO-TISM Datasheet
318Kb / 1P
CERAMIC SMD LVDS OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev 2: 03-27-2023
TPSM5 TRANSKO-TPSM5 Datasheet
416Kb / 1P
CERAMIC LVPECL MINIATURE SMD OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: Nov. 2014
TSI75 TRANSKO-TSI75 Datasheet
453Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.7mm)
Rev.4: Mar. 2015
TSM75 TRANSKO-TSM75 Datasheet
426Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com