Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXCS Datasheet (PDF) - Transko Electronics, Inc.

Part # TXCS
Description  COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
File Size   520.34 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TXCS Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TXCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXC-02050 ETC1-TXC-02050 Datasheet
134Kb / 28P
MRT Device 6-,8-,34-Mbit Line Interface TXC-0250
TXC-02050-AIPL ETC1-TXC-02050-AIPL Datasheet
134Kb / 28P
MRT Device 6-,8-,34-Mbit Line Interface TXC-0250
TXC-02050C ETC1-TXC-02050C Datasheet
452Kb / 36P
MRT Device 6-,8-,34-Mbit Line Interface TXC-0250C
TXC-02050CIPL ETC1-TXC-02050CIPL Datasheet
452Kb / 36P
MRT Device 6-,8-,34-Mbit Line Interface TXC-0250C
logo
TAI-SAW TECHNOLOGY CO.,...
TXC0001A TAI-SAW-TXC0001A Datasheet
212Kb / 8P
SMD 2.0x1.6 32.768MHz Crystal Oscillators
REV. NO: 1
More results


Similar Description - TXCS

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
Transko Electronics, In...
TE-S TRANSKO-TE-S Datasheet
489Kb / 2P
TCXO/VCTCXO SMD (7.0 x 5.0 x 1.7mm)
Rev. 0: Oct. 2015
TFC TRANSKO-TFC Datasheet
328Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023
TSMV TRANSKO-TSMV Datasheet
289Kb / 1P
VCXO STANDARD CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev. 5: 02-26-20
TX-K TRANSKO-TX-K Datasheet
532Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev. 2: JuL. 2015
TX-P TRANSKO-TX-P Datasheet
315Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
TX-R TRANSKO-TX-R Datasheet
324Kb / 2P
(VC)TCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.5mm)
Rev 2: 03-02-2023
TX-S TRANSKO-TX-S Datasheet
326Kb / 2P
TCXO/VCTCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev 4: 03-02-2023
TX-SB TRANSKO-TX-SB Datasheet
305Kb / 1P
TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023
TX-V TRANSKO-TX-V Datasheet
349Kb / 2P
STRATUM III MINIATURE CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com