Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX-R Datasheet (PDF) - Transko Electronics, Inc.

TX-R Datasheet PDF - Transko Electronics, Inc.
Part # TX-R
Download  TX-R Download
File Size   324.35 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description (VC)TCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.5mm)

TX-R Datasheet (PDF)

Go To PDF Page Download Datasheet
TX-R Datasheet PDF - Transko Electronics, Inc.

Part # TX-R
Download  TX-R Click to download

File Size   324.35 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description (VC)TCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.5mm)

TX-R Datasheet (HTML) - Transko Electronics, Inc.


TX-R Product details

FEATURES:
• HIGH FREQUENCY UPTO 156.250MHz
• CMOS OUTPUT
• TIGHT STABILITY ±1.0ppm vs. –40°C TO 85°C




Similar Part No. - TX-R

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TX-RS232 TURCK-TX-RS232 Datasheet
247Kb / 2P
TX HMI/PLC Series Plug-In Module RS232 Interface
2023-07-21
TX-RS485 TURCK-TX-RS485 Datasheet
258Kb / 2P
TX HMI/PLC Series Plug-In Module RS485 Interface
2023-07-21
More results


Similar Description - TX-R

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TP75A TRANSKO-TP75A Datasheet
357Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022
TE-S TRANSKO-TE-S Datasheet
489Kb / 2P
TCXO/VCTCXO SMD (7.0 x 5.0 x 1.7mm)
Rev. 0: Oct. 2015
TFC TRANSKO-TFC Datasheet
328Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023
TSI75 TRANSKO-TSI75 Datasheet
453Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.7mm)
Rev.4: Mar. 2015
TSM75 TRANSKO-TSM75 Datasheet
426Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015
TX-K TRANSKO-TX-K Datasheet
532Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev. 2: JuL. 2015
TX-P TRANSKO-TX-P Datasheet
315Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
TX-S TRANSKO-TX-S Datasheet
326Kb / 2P
TCXO/VCTCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev 4: 03-02-2023
TX-SB TRANSKO-TX-SB Datasheet
305Kb / 1P
TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023
TX-V TRANSKO-TX-V Datasheet
349Kb / 2P
STRATUM III MINIATURE CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com