Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX-R Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TX-R
Description  (VC)TCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.5mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TX-R Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TX-R Datasheet HTML 1Page - Transko Electronics, Inc. TX-R Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev 2: 03-02-2023
RoHS
Compliant
TX - R
(VC)TCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.5mm)
FEATURES:
HIGH FREQUENCY UPTO 156.250MHz
CMOS OUTPUT
TIGHT STABILITY ±1.0ppm vs. –40°C TO 85°C
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
PARAMETER
MIN.
TYP.
MAX.
UNIT
NOTE
FREQUENCY RANGE
1.25
156.25
MHz
FREQUENCY TOLERANCE
±2.0
ppm
@ 25°C ± 2°C
FREQUENCY
STABILITY
vs. TEMPERATURE RANGE
±0.5*
±1.0
±5.0
ppm
See P/N guide for other options
vs. LOAD ± 10%
±0.3
ppm
vs. SUPPLY VOLTAGE ± 5%
±0.3
ppm
vs. AGING
±1.0
ppm/year @ 25°C
OPERATING TEMPERATURE RANGE
-
40
85
°C
See P/N guide for other options
STORAGE TEMPERATURE RANGE
-
50
100
°C
SUPPLY VOLTAGE
3.135
3.3
3.465
V
SUPPLY CURRENT
VDD = 3.3V
35.0
mA
OUTPUT
LOGIC FAMILY
CMOS
LOAD
15pF
LEVEL LOGIC ‘1’ (VOH)
0.9 x VDD
V
LEVEL LOGIC ‘0’ (VOL)
0.1 x VDD
V
SYMMETRY (DUTY CYCLE)
40
60
%
See P/N guide for other options
RISE AND FALL TIME (Tr/Tf)
10
nS
START-UP TIME
5.0
10.0
mS
FREQUENCY DEVIATION
±5
ppm
@ Vc = 1.5 ± 1.0V
CONTROL VOLTAGE
0.5
1.5
2.5
V
SLOPE
Positive
LINEARITY
10%
@ -3dB, Vc=1.5V ±1.0V
MODULATION BANDWIDTH
3
kHz
Measured @ -3dB
INPUT IMPEDANCE
1.0
MΩ
PHASE NOISE
10Hz
-
80
dBc/Hz
@ 10.0MHz
100Hz
-
115
dBc/Hz
1kHz
-
135
dBc/Hz
10kHz
-
138
dBc/Hz
100kHz
-
142
dBc/Hz
1MHz
-
148
dBc/Hz
10MHz
-
150
dBc/Hz


Similar Part No. - TX-R

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TX-RS232 TURCK-TX-RS232 Datasheet
247Kb / 2P
TX HMI/PLC Series Plug-In Module RS232 Interface
2023-07-21
TX-RS485 TURCK-TX-RS485 Datasheet
258Kb / 2P
TX HMI/PLC Series Plug-In Module RS485 Interface
2023-07-21
More results

Similar Description - TX-R

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TP75A TRANSKO-TP75A Datasheet
357Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022
TE-S TRANSKO-TE-S Datasheet
489Kb / 2P
TCXO/VCTCXO SMD (7.0 x 5.0 x 1.7mm)
Rev. 0: Oct. 2015
TFC TRANSKO-TFC Datasheet
328Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023
TSI75 TRANSKO-TSI75 Datasheet
453Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.7mm)
Rev.4: Mar. 2015
TSM75 TRANSKO-TSM75 Datasheet
426Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015
TX-K TRANSKO-TX-K Datasheet
532Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev. 2: JuL. 2015
TX-P TRANSKO-TX-P Datasheet
315Kb / 2P
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
TX-S TRANSKO-TX-S Datasheet
326Kb / 2P
TCXO/VCTCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev 4: 03-02-2023
TX-SB TRANSKO-TX-SB Datasheet
305Kb / 1P
TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023
TX-V TRANSKO-TX-V Datasheet
349Kb / 2P
STRATUM III MINIATURE CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com