Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX-R Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TX-R
Description  (VC)TCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.5mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TX-R Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TX-R Datasheet HTML 1Page - Transko Electronics, Inc. TX-R Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev 2: 03-02-2023
RoHS
Compliant
TX - R
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SOLDER PATTERN
■ REFLOW PROFILE
■ PACKAGE DIMENSIONS
Unit : mm
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
■ PART NUMBERING GUIDE
Pin Configuration
1
N/C or Vc
2
GND
3
Output
4
VDD
Unit : mm
TX
3
R
25
J
TR
P
TAPE & REEL
TR:
1000/reel
Blank: Cut tape
05
10.000M
PULLABILITY (VTX option)
5:
±5.0 ppm min.
10:
±10.0 ppm min.
15: ±15.0 ppm min.
Call for Higher Pullability
FREQUENCY
M: MHz
OUTPUT
P: Clipped sine wave
R: CMOS
TYPE
TX: TCXO
VTX: VCTCXO
STABILITY
05: ± 0.5ppm *
10: ± 1.0ppm
15: ± 1.5ppm
20: ± 2.0ppm
25: ± 2.5ppm
30: ± 3.0ppm
50: ± 5.0ppm
XX: Two digit for
Stability
PACKAGE
SUPPLY VOLTAGE
3 :
3.3V
5.08
4
3
1
2
4
3
1
2
7.0±0.15
0.6
1.4
2.0
4.2
5.08
#1
2.2
0.3
OPERATING TEMP.
H: 0º to 50ºC
I: -10º to 60ºC
J: -10º to 70ºC
K: -20º to 70ºC
L: -30º to 70ºC
M: -40º to 85ºC
N: -30° to 75°C
* Available in selected operating temp. range



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com