Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115S-ACA0 Datasheet (PDF) - ATTEND Technology Inc.

Part # 115S-ACA0
Description  Nano SIM Card Socket, Bar Push, 8u" Gold
File Size   523.36 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115S-ACA0 Datasheet (PDF) - ATTEND Technology Inc.



Similar Part No. - 115S-ACA0

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
115S-BS00 ATTEND-115S-BS00 Datasheet
319Kb / 5P
Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
115S-BT02 ATTEND-115S-BT02 Datasheet
319Kb / 5P
Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
More results


Similar Description - 115S-ACA0

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
254070FB007S120ZL SUYIN-USA-254070FB007S120ZL Datasheet
148Kb / 1P
SIM CARD PUSH-PUSH CONN
254070FB008S505ZL SUYIN-USA-254070FB008S505ZL Datasheet
191Kb / 1P
SIM CARD PUSH-PUSH CONN
logo
Japan Aviation Electron...
SF72 JAE-SF72 Datasheet
770Kb / 5P
nano SIM Card Connector
logo
Wurth Elektronik GmbH &...
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Global Connector Techno...
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
logo
ATTEND Technology Inc.
115S-BS00 ATTEND-115S-BS00 Datasheet
319Kb / 5P
Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
115U ATTEND-115U Datasheet
301Kb / 4P
6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
2021/1/27
115V ATTEND-115V Datasheet
362Kb / 6P
Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
2019/08/13
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com