Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ2012A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ2012A
Description  Crystal Unit SMD 3.2x2.5 16.00MHz
File Size   420.95 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ2012A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ2012A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2012B TAI-SAW-TZ2012B Datasheet
417Kb / 8P
Crystal Unit SMD 3.2x2.5 16MHz
REV. NO.: 1
More results


Similar Description - TZ2012A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0233A TAI-SAW-TZ0233A Datasheet
165Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 7
TZ0308D TAI-SAW-TZ0308D Datasheet
146Kb / 7P
Crystal Unit SMD 3.2x2.5 40.000MHz
REV. NO.: 1
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0342A TAI-SAW-TZ0342A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 5
TZ0348A TAI-SAW-TZ0348A Datasheet
120Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 5
TZ0378A TAI-SAW-TZ0378A Datasheet
127Kb / 8P
Crystal Unit SMD 3.2x2.5 49.09MHz
REV. NO.: 5
TZ0392A TAI-SAW-TZ0392A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 15.3600MHz
REV. NO.: 4
TZ0738C TAI-SAW-TZ0738C Datasheet
439Kb / 8P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 1
TZ0895B TAI-SAW-TZ0895B Datasheet
167Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 3
TZ1504A TAI-SAW-TZ1504A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com