Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB22 Datasheet (PDF) - Fairchild Semiconductor

Part # FSUSB22
Description  Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
File Size   833.74 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22 Datasheet (PDF) - Fairchild Semiconductor



Similar Part No. - FSUSB22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22 FAIRCHILD-FSUSB22 Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB22 FAIRCHILD-FSUSB22 Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22BQX FAIRCHILD-FSUSB22BQX Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB22BQX FAIRCHILD-FSUSB22BQX Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
More results


Similar Description - FSUSB22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com