Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP3080 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # DP3080
Description  Trench N-MOSFET 30V, 3.9mΩ, 80A
File Size   1319.54 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP3080 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - DP3080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP30 ETC1-DP30 Datasheet
42Kb / 2P
STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO30 30AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Power-One
DP3020-7R POWER-ONE-DP3020-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
DP3020-9R POWER-ONE-DP3020-9R Datasheet
980Kb / 24P
90 - 195 Watt DC-DC Converters
DP3040-7R POWER-ONE-DP3040-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
Shenzhen Developer Micr...
DP3090 DEPUW-DP3090 Datasheet
299Kb / 1P
Trench N-MOSFET 30V, 3.2mΩ, 90A
REV1.0
More results


Similar Description - DP3080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
logo
Fairchild Semiconductor
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
logo
WILLAS ELECTRONIC CORP
SE3080 WILLAS-SE3080 Datasheet
1Mb / 5P
30V,80A N-Channel MOSFET
logo
Rohm
RS1E260AT ROHM-RS1E260AT Datasheet
2Mb / 13P
Pch -30V -80A Power MOSFET
RS1E280GN ROHM-RS1E280GN Datasheet
2Mb / 13P
Nch 30V 80A Power MOSFET
RS1E300GN ROHM-RS1E300GN Datasheet
2Mb / 12P
Nch 30V 80A Power MOSFET
RS1E350BN ROHM-RS1E350BN Datasheet
2Mb / 13P
Nch 30V 80A Power MOSFET
logo
Shenzhen Meipusen Semic...
MSN03R034S MAPLESMI-MSN03R034S Datasheet
825Kb / 6P
30V N-Channel Trench MOSFET
logo
Nexperia B.V. All right...
PMV50ENEA NEXPERIA-PMV50ENEA Datasheet
728Kb / 16P
30V, N-channel Trench MOSFET
PMF250XNE NEXPERIA-PMF250XNE Datasheet
720Kb / 15P
30V N-channel Trench MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com