Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB400-KIT Datasheet (PDF) - BusBoard Prototype Systems Ltd.

Part # BB400-KIT
Description  A 400 tie-point Solderless BreadBoard, 10cm ZipWire™ Cables, 3AA Battery Box and a green LED with resistor
File Size   520.78 Kbytes
Html View  1   2 
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

BB400-KIT Datasheet (PDF) - BusBoard Prototype Systems Ltd.



Similar Part No. - BB400-KIT

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
BB400 BUSBOARD-BB400 Datasheet
1Mb / 3P
Solderless Plug-in BreadBoard with 400 tie-points and 4 power rails.
More results


Similar Description - BB400-KIT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
Schottky Rectifier, 400 A
29-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
Schottky Rectifier, 400 A
24-Apr-08
logo
Pomona Electronics
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
logo
Advantech Co., Ltd.
AMAX-2050KW ADVANTECH-AMAX-2050KW Datasheet
962Kb / 2P
GX2-400 Machine Control Box with
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
logo
Ultralife Corporation.
MRC-44 ULTRALIFE-MRC-44 Datasheet
520Kb / 2P
Battery Box
4/10/17
logo
SparkFun Electronics
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
logo
Silicon Mitus, Inc.
SM5038 SILICONMITUS-SM5038 Datasheet
214Kb / 2P
Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
May 2021 Rev1.0.0
logo
List of Unclassifed Man...
CS7107GP ETC2-CS7107GP Datasheet
283Kb / 5P
Three and a half with a LED display driver A/D converter circuit
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com