Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AM Datasheet (PDF) - Sensata Technologies, Inc.

Part # 2AM
Description  Motor Protector
File Size   228.51 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2AM Datasheet (PDF) - Sensata Technologies, Inc.



Similar Part No. - 2AM

ManufacturerPart #DatasheetDescription
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
Variable Gain Amplifier
2AM0905S RFHIC-2AM0905S Datasheet
890Kb / 9P
Variable Gain Amplifier
2AM0921S RFHIC-2AM0921S Datasheet
890Kb / 9P
Variable Gain Amplifier
logo
Altech corporation
2AM1 ALTECH-2AM1 Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM2 ALTECH-2AM2 Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
More results


Similar Description - 2AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
Schurter Inc.
AS168X SCHURTER-AS168X Datasheet
203Kb / 9P
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
logo
Schneider Electric
PJL36060M68 SCHNEIDER-PJL36060M68 Datasheet
138Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 600A
Oct 29, 2020
PJL36080M68 SCHNEIDER-PJL36080M68 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 800A
Oct 29, 2020
PJL36100M69 SCHNEIDER-PJL36100M69 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 1000A
Oct 29, 2020
PJL36120M70 SCHNEIDER-PJL36120M70 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 1200A
Oct 29, 2020
LHL26000M SCHNEIDER-LHL26000M Datasheet
118Kb / 2P
LHL MOTOR CIRCUIT PROTECTOR, 600VAC, 400A, 3P
Nov 23, 2020
LHL36000M SCHNEIDER-LHL36000M Datasheet
135Kb / 2P
LHL MOTOR CIRCUIT PROTECTOR, 600VAC, 400A, 3P
Nov 23, 2020
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
logo
Eaton All Rights Reserv...
HMCP150U4C EATON-HMCP150U4C Datasheet
90Kb / 1P
Eaton Series C motor circuit protector
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com