Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AM Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 2AM
Description  Motor Protector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2AM Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  2AM Datasheet HTML 1Page - Sensata Technologies, Inc. 2AM Datasheet HTML 2Page - Sensata Technologies, Inc. 2AM Datasheet HTML 3Page - Sensata Technologies, Inc. 2AM Datasheet HTML 4Page - Sensata Technologies, Inc. 2AM Datasheet HTML 5Page - Sensata Technologies, Inc. 2AM Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1
www.sensata.com
Copyright © 2017 Sensata Technologies Inc.
| 2AM/3AM/4AM/8AM SERIES
Motor Protector
Introduction
Klixon® automatic motor protectors (AM series) are small, light weight and sensitive to temperature and current. The sealed steel cases will stand
most dip and bake processes and can be mounted directly on motor windings for fast detection of temperature changes.
Available in a range of temperature and current sensitivities, the 2AM is suitable for a wide variety of applications. Designed to be mounted on the
windings of electric motors and transformers, the 2AM protects against overheating and electrical overloading, offering the highest standards of safety
and long term reliability.
The 2AM’s steel case is epoxy sealed and then insulated with a Mylar® sleeve allowing direct mounting on the windings. Robust construction and
ability to withstand typical mechanical pressures make the 2AM ideal for installation during the manufacture of electric motors and transformers.
Where necessary, additional sealing can be provided to prevent epoxy ingress with specialized impregnation processes.
By adding a customized 3rd lead, the standard device becomes a dual circuit 4AM, ideal protection for dual voltage or dual speed applications. For
higher horse power applications, the 3AM provides protection for fault conditions up to 60 Amps. With a range of anticipating heaters matching
protector to motor from 6 to 60 Amps and operating temperatures from 90 to 150°C, the 2AM series provides unsurpassed design flexibility for motor
and transformer applications.
2/3/4AM SPECIFICATIONS
Application Range
Robust Sealed Construction
Flexibility
2AM - 4AM
8AM


Similar Part No. - 2AM

ManufacturerPart #DatasheetDescription
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
Variable Gain Amplifier
2AM0905S RFHIC-2AM0905S Datasheet
890Kb / 9P
Variable Gain Amplifier
2AM0921S RFHIC-2AM0921S Datasheet
890Kb / 9P
Variable Gain Amplifier
logo
Altech corporation
2AM1 ALTECH-2AM1 Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM2 ALTECH-2AM2 Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
More results

Similar Description - 2AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
Schurter Inc.
AS168X SCHURTER-AS168X Datasheet
203Kb / 9P
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
logo
Schneider Electric
PJL36060M68 SCHNEIDER-PJL36060M68 Datasheet
138Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 600A
Oct 29, 2020
PJL36080M68 SCHNEIDER-PJL36080M68 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 800A
Oct 29, 2020
PJL36100M69 SCHNEIDER-PJL36100M69 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 1000A
Oct 29, 2020
PJL36120M70 SCHNEIDER-PJL36120M70 Datasheet
137Kb / 2P
MOTOR CIRCUIT PROTECTOR 600V 1200A
Oct 29, 2020
LHL26000M SCHNEIDER-LHL26000M Datasheet
118Kb / 2P
LHL MOTOR CIRCUIT PROTECTOR, 600VAC, 400A, 3P
Nov 23, 2020
LHL36000M SCHNEIDER-LHL36000M Datasheet
135Kb / 2P
LHL MOTOR CIRCUIT PROTECTOR, 600VAC, 400A, 3P
Nov 23, 2020
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
logo
Eaton All Rights Reserv...
HMCP150U4C EATON-HMCP150U4C Datasheet
90Kb / 1P
Eaton Series C motor circuit protector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com