Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET5AGY Datasheet (PDF) - ML Accessories Limited. All rights reserved.

Part # NET5AGY
Description  5A unswitched round socket module 50 x 50mm - grey
File Size   311.24 Kbytes
Html View  1 
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NET5AGY Datasheet (PDF) - ML Accessories Limited. All rights reserved.



Similar Part No. - NET5AGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NET5ABK KNIGHTSBRIDGE-NET5ABK Datasheet
241Kb / 1P
5A unswitched round socket module 50 x 50mm - black
19/04/2024
NET5AWH KNIGHTSBRIDGE-NET5AWH Datasheet
161Kb / 1P
5A unswitched round socket module 50 x 50mm - white
19/04/2024
More results


Similar Description - NET5AGY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Apacer Technology Inc.
SDM5A-7P180D-SLIM2 APACER-SDM5A-7P180D-SLIM2 Datasheet
1Mb / 4P
SATA Disk Module 5A
logo
Maxim Integrated Produc...
MAX17515EVKIT MAXIM-MAX17515EVKIT Datasheet
545Kb / 8P
5A Integrated Power Module
Rev 1; 9/13
logo
NHP Electrical Engineer...
TRA58010005A NHP-TRA58010005A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 1000/5A 10VA CL1 5VA CL0.5
20 January 2023,
TRA5802505A NHP-TRA5802505A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 250/5A 2VA CL1 1VA CL0.5
20 January 2023,
TRA5804005A NHP-TRA5804005A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 400/5A 3VA CL1 1.5VA CL0.5
11 October 2022,
TRA5806005A NHP-TRA5806005A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 600/5A 5VA CL1 2.5VA CL0.5
11 October 2022,
TRA5808005A NHP-TRA5808005A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 800/5A 7VA CL1 3VA CL0.5
11 October 2022,
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com