Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET5AGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NET5AGY
Description  5A unswitched round socket module 50 x 50mm - grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NET5AGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NET5AGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NET5AGY
DESCRIPTION
5A unswitched round socket module 50 x 50mm - grey
NET WEIGHT (KG)
0.034
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 50
Recessed Depth - 26
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
5A
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 546
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832992134
Date Created: 19/04/2024 01:30
www.mlaccessories.co.uk
NET5AGY
5A unswitched round socket module 50 x 50mm -
grey


Similar Part No. - NET5AGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NET5ABK KNIGHTSBRIDGE-NET5ABK Datasheet
241Kb / 1P
5A unswitched round socket module 50 x 50mm - black
19/04/2024
NET5AWH KNIGHTSBRIDGE-NET5AWH Datasheet
161Kb / 1P
5A unswitched round socket module 50 x 50mm - white
19/04/2024
More results

Similar Description - NET5AGY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Apacer Technology Inc.
SDM5A-7P180D-SLIM2 APACER-SDM5A-7P180D-SLIM2 Datasheet
1Mb / 4P
SATA Disk Module 5A
logo
Maxim Integrated Produc...
MAX17515EVKIT MAXIM-MAX17515EVKIT Datasheet
545Kb / 8P
5A Integrated Power Module
Rev 1; 9/13
logo
NHP Electrical Engineer...
TRA58010005A NHP-TRA58010005A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 1000/5A 10VA CL1 5VA CL0.5
20 January 2023,
TRA5802505A NHP-TRA5802505A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 250/5A 2VA CL1 1VA CL0.5
20 January 2023,
TRA5804005A NHP-TRA5804005A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 400/5A 3VA CL1 1.5VA CL0.5
11 October 2022,
TRA5806005A NHP-TRA5806005A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 600/5A 5VA CL1 2.5VA CL0.5
11 October 2022,
TRA5808005A NHP-TRA5808005A Datasheet
716Kb / 2P
CT SPLIT CORE 80 x 50mm 800/5A 7VA CL1 3VA CL0.5
11 October 2022,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com